Part Number Hot Search : 
YMF781 TG35D40 01210 GSIB2510 D116212B 30200CT F4002 2SC4728
Product Description
Full Text Search
 

To Download 70R109-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  options -45 slotted screw -47 screws up, wire ready -49 brass, phillips/slotted screw -50 clamp washer, phillips/slotted screw -58 no screws, barrier only -59 screws supplied unassembled -c no mounting ends -p .040" standoff pads -t captive screws -v 130 c insulator .325" pcb barrier terminal strip (closed side) features ? strength and density, the .325" pitch series 70r is our smallest product to use the #6-32 screw. ? robust and durable , screw terminals are ultrasonically welded into the thermoplastic insulator, eliminating terminal twisting and associated solder joint failure. ? wide array of options. our series 70r product options can fulfill virtually any application demand. only beau gives you a captivated screw rated to a minimum 6 in-lbs. of back out torque. ? prevents shorting. the tri-barrier construction surrounds the connec- tion on three sides providing maxi- mum circuit isolation. description the series 70r pcb terminal strip brings the benefits of tri-barrier construction to one of the most widely used terminal block products today. the .325" terminal pitch and the #6-32 screw offers the user excel- lent density and durability characteristics. unlike other tri-barrier designs, the 70r has the same footprint as our standard series 70 pcb terminal strip, allowing the user to offer the benefits of the tri-barrier construc- tion without redesigning their pcb. made in the usa, all beau terminal blocks embody the highest quality stan- dards in the industry-using the finest materials and world class manufacturing processes. they meet or exceed all appli- cable industry standards. technical specifications electrical dwv 8500 vdc ir >5000 megohms mechanical tightening torque 12 in-lbs. maximum torque 13 in-lbs. wire strip length 5/16" wire range 12 to 22 awg environmental continuous use temp rti electrical 110 o c rti mechanical w/o impact 110 o c materials insulator thermoplastic, ul94v-0, black terminal brass, tin-lead plate screws #6-32, phillips/slotted, steel, zinc chromate plate product ratings #6-32 pan head screw ul class b 15 amps @ 300 v 14 awg class c 15 amps @ 150 v 14 awg csa class b 15 amps @ 150 v 14 awg class d 10 amps @ 300 v 14 awg #6-32 wire clamp screw ul class b 20 amps @ 300 v 12 awg class c 20 amps @ 150 v 12 awg csa class b 15 amps @ 150 v 14 awg class d 10 amps @ 300 v 14 awg agency listings ul file no. e48521 guide no. xcfr2 csa file no. 025562 series 70 r how to order 7 0 r x x x x x series terminal no. of options style poles 1 5 2 to 12 (dash #s above 7 8 and opposite page) *consult factory for combinations of screw options. beau molex industrial division new england operations gilford, nh 03246-6600 phone (603) 524-5101 fax (603) 524-1627 internet www.beauint.com series 70 r beau terminal blocks
style 1 no pc terminal style 5 pc style 7 wire wrap style 8 right angle pc c in. mm .73 18,5 1.06 26,9 1.38 35,1 1.70 43,2 2.03 51,2 2.35 59,7 2.68 68,1 3.00 76,2 3.33 84,6 3.65 92,7 3.98 101 terminal styles a in. mm 1.29 32,8 1.61 40,9 1.94 49,3 2.26 57,4 2.59 65,8 2.91 73,9 3.24 82,3 3.56 90,4 3.89 98,8 4.21 107 4.54 115 no. of circuits 2 3 4 5 6 7 8 9 10 11 12 b in. mm .98 24,9 1.30 33,0 1.63 41,4 1.95 49,5 2.28 57,9 2.60 66,0 2.93 74,4 3.25 82,6 3.58 90,9 3.90 99,1 4.23 107 -48 option std. std. .14" (3,6) -19 option -23 option .23" (5,8) .19" (4,8) .062" x.032" (1,6 x 0,8) . 11" (2,8) . 16" (4,1) .50" (12,7) .33" (8,4) .25" (6,4) .150" dia (3,8) mtg holes a b c .27" (6,9) .50" (12,7) .30" (7,6) . 155" (3,9) . 325" (8,3) .325" (8,3) .155" (3,9) -p pads (1,6 x 0,8) .062 x .032 .155" (3,9) -p pads .062" x.032" (1,6 x 0,8) .32" (8,1) .48" (12,2) .20" (5,1) beau molex industrial division new england operations gilford, nh 03246-6600 phone (603) 524-5101 fax (603) 524-1627 internet www.beauint.com series 70 r beau terminal blocks


▲Up To Search▲   

 
Price & Availability of 70R109-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X